PART |
Description |
Maker |
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
PPF450M |
N Channel MOSFET; Package: TO-254; ID (A): 8; RDS(on) (Ohms): 0.42; PD (W): 150; BVDSS (V): 500; Rq: 0.83; 12 A, 500 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
MRF275G MRF275 |
150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
|
MOTOROLA[Motorola, Inc]
|
IRFF430 FN1894 |
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET 2.75 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF 2.75A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
FDG6313N FDG6313NNL |
25V Dual N-Channel, Digital FET 500 mA, 25 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp.
|
APL502B2 APL502L APL502LG |
LINEAR MOSFET Power MOSFET; Package: TO-264 [L]; ID (A): 58; RDS(on) (Ohms): 0.09; BVDSS (V): 500; 58 A, 500 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi Corporation Microsemi, Corp.
|
NTR4003N NTR4003NT1G NTR4003NT3G |
30V N-Channel PowerTrench MOSFET 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Power MOSFET 30 V, 0.56 A. Single N-Channel SOT-23 Package; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET 30 V, 0.56 A, Single N−Channel, SOT−23
|
3M Company ON Semiconductor
|
FQN1N50CTA FQN1N50C |
N-Channel QFETMOSFET 500V, 0.38A, 6 N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
|
Fairchild Semiconductor
|
2SK1981-01 |
N-channel MOS-FET 10 A, 500 V, 0.76 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
TC1550TG-G |
N- and P-Channel Enhancement-Mode Dual MOSFET 350 A, 500 V, 60 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Supertex, Inc.
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
|